Part Number Hot Search : 
M37221M4 LXT914 FL127 LT1413A C2626 8272EE XF131 4DFT2
Product Description
Full Text Search
 

To Download SA43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0 THRU SA170CA
TRANSZORBTM TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 to 170 Volts
DO-204AC
Peak Pulse Power - 500 Watts
FEATURES
0.034 (0.86) 1.0 (25.4) MIN. 0.028 (0.71) DIA.
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 500W peak pulse power surge capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bi-directional types For devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 265C/10 seconds 0.375" (9.5mm) lead length, 5lbs (2.3 kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AC molded plastic body over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: For uni-directional types the color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
Dimensions in inches and (millimeters)
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use C or CA Suffix. (e.g. SA5.0C, SA170CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform
(NOTE 1, FIG. 1)
PPPM IPPM PM(AV)
Minimum 500
SEE TABLE 1
Watts Amps Watts
Peak pulse current with a 10/1000s waveform
(NOTE 1)
Steady state power dissipation at TL=75C lead lengths 0.375" (9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load, unidirectional only (JEDEC Method) (NOTE 3) Maximum instantaneous forward voltage at 35A for unidirectional only Operating junction and storage temperature range
NOTES (1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5 (3) 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
3.0
IFSM
70
Amps
VF TJ, TSTG
3.5 -55 to +175
Volts C
1/25/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Breakdown Voltage V(BR) (Volts) (NOTE 1) Device Type SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A MIN 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 MAX 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 Maximum Reverse Leakage at VWM ID (NOTE3) (A) 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Peak Pulse Current IPPM
(NOTE 2)
Test Current at IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (Volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0
(Amps) 52.1 54.3 43.9 48.5 40.7 44.7 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1 15.5 17.1 14.0 15.4 22.7 14.1 11.6 12.9 10.7 11.9 10.0 11.0 9.3 10 8.5 9.4 7.8 8.6 7.0 7.8
Maximum Clamping Voltage at IPPM VC (Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5
Maximum Temperature Coefficient of V(BR) (mV / C) 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0 39.0 46.0 41.0 51.0 46.0
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Breakdown Voltage V(BR) Volts (NOTE 1) Maximum Reverse Leakage at VWM ID (NOTE3) (A) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Peak Pulse Current IPPM
(NOTE 2)
Device Type SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A
MIN 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
MAX 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
Test Current at IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (Volts) 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170
(Amps) 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.6 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8
Maximum Clamping Voltage at IPPM VC (Volts) 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275
Maximum Temperature Coefficient of V(BR) (mV / C) 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0 80.0 71.0 86.0 76.0 94.0 85.0 101 91.0 105 95.0 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208
NOTES (1) V(BR) measured after IT applied for 300s. IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bidirectional types with VWM of 10 Volts and less, the ID limit is doubled. (4) All terms and symbols are consistent with ANSI/IEEE C62.35
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
FIG. 2 - PULSE DERATING CURVE FIG. 1 - PEAK PULSE POWER RATING CURVE
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
100
PEAK PULSE POWER (Ppp) or CURRENT (IPP) DERATING IN PERCENTAGE, %
30
PPPM, PEAK PULSE POWER, kW
10
75
PPK".5" td
IMPULSE EXPONENTIAL DECAY
50
1.0
PPK td td = 7tp SQUARE PPK td HALF SINE
25
0.1 0.1s
CURRENT WAVEFORMS
1s
10s
100s
1,000s
10,000s
td, PULSE WIDTH, sec.
0
0
25
50
75
100
125 150
175 200
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
FIG. 4 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY PEAK FORWARD SURGE CURRENT, AMPERES
150
tr=10sec. PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
200
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
IPPM PEAK PULSE CURRENT, %
100
100
PEAK VALUE IPPM
HALF VALUE - IPP 2
50
10/1000sec. WAVEFORM as DEFINED by R.E.A.
10
1
10
NUMBER OF CYCLES AT 60 Hz
100
0
td
0
1.0
2.0
t, TIME, ms
3.0
4.0
FIG. 5 - STEADY STATE POWER DERATING CURVE
FIG. 6 - CAPACITANCE
4.0
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
10,000
UNIDIRECTIONAL BIDIRECTIONAL
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0
10
1.6 x 1.6 x 0.040" (40 x 40 x 1mm) COPPER HEAT SINKS
C - CAPACITANCE, pF
1,000
VR = 0
L =0.375"(9.5mm)
LEAD LENGTHS
100
VR = RATED STAND-OFF VOLTAGE
5
100
REVERSE VOLTAGE, VOLTS
500
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,C
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE UNIDIRECTIONAL
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE UNIDIRECTIONAL
100
Vc, INCREMENTAL CLAMPING VOLTAGE
WAVEFORM: 8 X 20 IMPULSE VC=VC-V(BR)
100
SA170 SA110 SA170 SA70 SA54 SA40 WAVEFORM: 10 X 1000 IMPULSE VC=VC-V(BR)
Vc, INCREMENTAL CLAMPING VOLTAGE
SA110 SA70
10
SA30 SA24 SA18 SA15
10
SA40 SA24 SA15
1.0
SA12 SA5.0 SA9.0
1.0
SA9.0 SA5.0
0.1 0.5
1
10
50
0.1 0.5
1
10
50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CURVE BIDIRECTIONAL
FIG. 10 - INCREMENTAL CLAMPING VOLTAGE CURVE BIDIRECTIONAL
100
WAVEFORM: 8 X 20 IMPULSE VC=VC-V(BR) SA170C SA110C
100
SA170C WAVEFORM: 10 X 1000 IMPULSE VC=VC-V(BR) SA110C SA70C
Vc, INCREMENTAL CLAMPING VOLTAGE
SA60C
10
SA40C SA30C SA24C SA15C SA9.0C
Vc, INCREMENTAL CLAMPING VOLTAGE
SA70C
10
SA40C
SA24C SA15C SA9.0C
1.0
SA6.5C
1.0
SA6.5C
0.1 0.5
1
10
50
0.1 0.5
1
10
50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
FIG. 11 - TYPICAL INSTANTANEOUS FORWARD VOLTAGE CHARACTERISTICS CURVE
100
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
IF, FORWARD CURRENT, AMPS
20 10
2 1
UNIDIRECTIONAL (ONLY)
0.2 0.1 0 0.5 1 1.5 2 2.5
VF, FORWARD VOLTAGE, VOLTS
FIG. 12 - BREAKDOWN VOLTAGE TEMPERATURE COEFFICIENT CURVE v, TEMPERATURE COEFFICIENT, mV/C
200 100
UNIDIRECTIONAL
10
BIDIRECTIONAL
1.0 5.0
10
100
500
VWM, RATED STAND-OFF VOLTAGE, VOLTS
APPLICATIONS
This TVS series is a low cost, 500 watt commercial and industrial product for use in applications where space is a premium and where large voltage transients can permanently damage voltage-sensitive components. The response time of TVS clamping action is 1.0ns for uni-directional and 5.0ns for bi-directional; therefore, they can protect integrated circuits, MOS devices, hybrids, and other voltage-sensitive semiconductor components.


▲Up To Search▲   

 
Price & Availability of SA43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X